Part Number Hot Search : 
SMCJ13 124EC BDY58 78L05 00146 2SC5646A IDT74FC 33SA70G
Product Description
Full Text Search
 

To Download UBT1C220MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
BT
High Temperature Range, For +125C Use
series
Highly dependable reliability withstanding load life of 2000 to 10000 hours at +125C. Suited for automobile electronics where heavy duty services are indispensable. Adapted to the RoHS directive (2002/95/EC). BW
High Temperature
BT
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
Performance Characteristics
- 40 ~ +125C (10 ~ 250V), - 25 ~ +125C (350 ~ 450V) 10 ~ 450V 1 ~ 4700F 20% at 120Hz, 20C
Rated Voltage (V)
10 ~ 100
160 ~ 450 < CV = 1000 : I = 0.1CV+40 (A) max. (1 minute's) CV > 1000 : I = 0.04CV+100 (A) max. (1 minute's)
100 0.08
After 1 minute's application of rated voltage, leakage current Leakage current is not more than 0.03CV or 4 (A), whichever is greater.
Rated voltage (V) tan (MAX.)
tan
10 0.20
16 0.16
25 0.14
35 0.12
50 0.10
63 0.10
80 0.08
160 ~ 250 350 ~ 450 120Hz, 20C 0.20 0.24
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C ZT / Z20 (MAX.)
10 3 4
16 2 4
25 2 4
35 2 4
50 2 4
63 2 4
80 2 4
100 2 4
160 ~ 250 350 ~ 450
3 6 6 -
Endurance
After an application of D.C. bias voltage plus the rated ripple current for less than 50V (D = 8 : 2000 hours, > D = 10 : 5000 hours, D = 12.5 : 10000 hours), 63~100V (D = 8 : 2000 hours, D = 10 : 3000 hours, > D = 12.5 : 5000 hours), more than 160V (2000 hours) at 125C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristics requirements listed at right.
Capacitance change Dissipation Factor Leakage current
Within 30% of initial value (10 ~ 100V) Within 20% of initial value (160 ~ 450V) 300% or less of initial specified value (10 ~ 100V) 200% or less of initial specified value (160 ~ 450V) Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 125C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on blue sleeve.
Radial Lead Type
Type numbering system (Example : 10V 220F)
fd
Sleeve (polyolefin)
MAX.
UB T 1 A 2 2 1 MPD
P 0.5
1 2 3 4 5 6 7 8 9 10 11
Pressure relief vent
fD
L+2MAX.
15MIN
4MIN (mm)
Configuration Capacitance tolerance (20%) Rated Capacitance (220mF) Rated voltage (10V) Series name Type
fD+
8 10 12.5 16 18 0.8 0.8 1.0 1.0 1.0 P 3.5 5.0 5.0 7.5 7.5 fd 0.6 0.6 0.6 0.8 0.8 In case L > 25 for the f12.5 dia. unit, lead dia. f d = 0.8mm.
Configuration Pb-free leadwire fD Pb-free Polyolefin sleeve 8 a 10 PD 12.5 ~ 18 HD
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
BT
series
Dimensions
V (Code)
10 (1A)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
16 (1C)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
25 (1E)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
35 (1V)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
50 (1H)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
Item Cap. . (F)
Co de
1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700
010 2R2 3R3 4R7 100 220 330 470 101 221 8 x 11.5 10 x 12.5 331 10 x 12.5 471 10 x 20 102 222 12.5 x 25 16 x 25 332 16 x 31.5 472
V(Code)
0.26 0.15 0.10 0.057 0.033 0.024 0.020
340 620 680 1100 1750 2300 2710
8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5 18 x 31.5
0.32 0.15 0.10 0.075 0.042 0.024 0.020 0.018
340 620 680 945 1490 2300 2710 3270
8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 25 16 x 31.5 18 x 31.5
0.13 0.10 0.075 0.057 0.033 0.020 0.017
500 680 945 1100 1750 2710 3310
10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25 18 x 35.5
0.15 0.094 0.075 0.058 0.031 0.025
620 790 950 1330 2010 2790
8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5
2.00 1.80 1.50 1.15 0.75 0.50 0.45 0.35 0.18 0.098 0.070 0.055 0.031
35 50 60 85 180 250 300 440 555 930 1330 1650 2430
63 (1J)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
80 (1K)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
100 (2A)
Case size D x L (mm)
Impedance Rated ripple () MAX. (mArms)
Item Cap. . (F)
Co de
4.7 10 22 33 47 100 220 330 470
4R7 100 220 8 x 11.5 8 x 11.5 330 10 x 12.5 470 10 x 16 101 221 12.5 x 20 331 12.5 x 25 471 12.5 x 31.5
2.00 1.50 0.59 0.41 0.16 0.12 0.097
130 150 530 690 1050 1290 1460
8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 12.5 x 31.5 16 x 25
1.50 0.80 0.80 0.39 0.18 0.16 0.11
150 480 480 790 1240 1390 1500
8 x 11.5 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5
2.00 1.50 0.80 0.80 0.55 0.25 0.11 0.079
130 150 480 480 630 990 1500 1790
Rated Ripple (mArms) at 125C 100kHz Impedance () MAX. at 20C 100kHz
Frequency coefficient of rated ripple current
V 10 ~ 100
CV Frequency
120Hz 0.50 0.67
300Hz 0.64 0.79
1kHz 0.83 0.91
10kHz ~ 1.00 1.00
1000 > CV 1000 CV
V(Code)
160 (2C)
Case size D x L (mm)
Rated ripple (mArms)
200 (2D)
Case size D x L (mm)
Rated ripple (mArms)
250 (2E)
Case size D x L (mm)
Rated ripple (mArms)
350 (2V)
Case size D x L (mm)
Rated ripple (mArms)
400 (2G)
Case size D x L (mm)
Rated ripple (mArms)
450 (2W)
Case size D x L (mm)
Rated ripple (mArms)
Item Cap. Code 4.7 10 22 33 47 68 100 150 4R7 100 220 330 470 680 101 151
10 x 20 10 x 25 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5
115 154 187 245 329 434
10 x 20 10 x 25 12.5 x 20 12.5 x 25 16 x 20 16 x 25
178 126 157 204 250 329
10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5
178 128 171 225 292
10 x 20 10 x 25 12.5 x 25 16 x 25 16 x 31.5
153 185 139 189 243
10 x 20 10 x 25 12.5 x 31.5 16 x 25 16 x 31.5
153 186 142 189 243
10 x 25 12.5 x 20 16 x 25 16 x 31.5
158 186 154 203
Rated Ripple (mArms) at 125C 120Hz
Frequency coefficient of rated ripple current
V 160 ~ 450
Cap. (F) Frequency
50Hz 0.75 0.80
120Hz 1.00 1.00
300Hz 1.25 1.15
1kHz 1.50 1.30
10kHz 1.75 1.40
100kHz 1.80 1.50
4.7 ~ 330 .47 ~ 150
Wider range of rating.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UBT1C220MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X